PART |
Description |
Maker |
EC5575A |
14 1 Channels Voltage Buffer with OTP/OCP for TFT LCD
|
E-CMOS
|
EMC1152 EMC1152-1-AIZL-TR EMC1152-AIZL-TR |
SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
|
SMSC Corporation
|
LA6261 LA626107 |
For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
|
Sanyo Semicon Device
|
AKD4628A-B |
single chip CODEC that includes two channels of ADC and eight channels of DAC.
|
Asahi Kasei Microsystems
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
A707 |
HIGH VOLTAGE BOOST DRIVER WITH 3 CHANNELS CONSTANT CURRENT REGULATORS
|
ADDtek Corp
|
G2006 |
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
|
Global Mixed-mode Techn...
|
M28010-10WKA1T M28010-10WNA1T M28010-10WNA6T M2801 |
1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection PROFET™: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; R<sub>ON</sub> @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 5.0 - 34.0 V; IL(SC): 1.5 A; Diagnostic: n.a. RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 1K/BULK 1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection 1兆位128K的8并行EEPROM,带有软件数据保 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 5.0 - 34.0 V; IL(SC): 1.5 A; Diagnostic: n.a. RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 1K/BULK PROFET: Smart High Side Switches; Package: PG-DSO-8; Channels: 1.0; RON @ Tj = 25°C : 350.0 mOhm; Recommended Operating Voltage Range: 5.0 - 34.0 V; IL(SC): 4.0 A; Diagnostic: n.a. TVS 5.6V 0.4J 18V-CV AXIAL .17X.10 T&R Supercapacitor; Capacitance:0.33F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin; Termination:Radial Leaded; ESR:75ohm; Lead Pitch:5mm; Operating Temp. Max:70 C RoHS Compliant: Yes
|
STMicroelectronics N.V. 意法半导
|
74LCX2244.PDF 74LCX244 74LCX2244 74LCX2244MSAX |
Dual 4-Bit Non-Inverting Buffer/Driver Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26-Ohm Series Resistors in the Outputs
|
fairchildsemi. Fairchild Semiconductor
|
CY7B991V CY7B991V-2JC CY7B991V-5JC CY7B991V-5JI CY |
Low Voltage Programmable Skew Clock Buffer 7B SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC32 3.3V RoboClock Low Voltage Programmable Skew Clock Buffer
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
BTS5210L |
Smart High-Side Power Switch Two Channels: 2 x 140m?/a> Status Feedback Smart High-Side Power Switch Two Channels: 2 x 140mз Status Feedback Smart High-Side Power Switch Two Channels: 2 x 140m Status Feedback Smart High Side Switches - 5,5-40V, 2x140mΩ Limit(scr) 6,5A P-DSO-12
|
INFINEON[Infineon Technologies AG]
|